Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR533D Datasheet(PDF) 5 Page - Rohm

Part # 2SCR533D
Description  Midium Power Transistors (50V / 3A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR533D Datasheet(HTML) 5 Page - Rohm

  2SCR533D Datasheet HTML 1Page - Rohm 2SCR533D Datasheet HTML 2Page - Rohm 2SCR533D Datasheet HTML 3Page - Rohm 2SCR533D Datasheet HTML 4Page - Rohm 2SCR533D Datasheet HTML 5Page - Rohm 2SCR533D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SCR533D
Switching time test circuit
BASE CURENT WAVEFORM
COLLECTOR CURRENT WAVEFORM
VIN
Pw
Pw 50μs
DUTY CYCLE≦1%
t
stg
IB1
IB2
90%
10%
t
on
tf
IC
RL=6.8Ω
IB1
IB2
IC
VCC 10V
~_
~_
5/5
2010.12 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com