Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1A15 Datasheet (PDF) - Sharp Corporation

GP1A15 Datasheet PDF - Sharp Corporation
Part # GP1A15
Download  GP1A15 Download
File Size   60.8 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensing Accuracy Type OPIC Photointerrupter

GP1A15 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1A15 Datasheet PDF - Sharp Corporation

Part # GP1A15
Download  GP1A15 Click to download

File Size   60.8 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensing Accuracy Type OPIC Photointerrupter

GP1A15 Datasheet (HTML) - Sharp Corporation


GP1A15 Product details

■ Features
1. High sensing accuracy (slit width : 0.25mm )
2. Built-in schmidt trigger circuit
3. Low threshold input current ( IFLH : MAX. 10mA )
4. Low level supply current ( ICCL: MAX. 5mA )
5. Operating supply voltage V CC : 4.5 to 17V
6. TTL and CMOS compatible output

■ Applications
1. Floppy disk drives
2. Copiers, printers, facsimiles
3. Opetoelectronic switches, optoelectronic counters




Similar Part No. - GP1A15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
OPIC Photointerrupter with Connetor
GP1A13R SHARP-GP1A13R Datasheet
130Kb / 5P
OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION
GP1A14 SHARP-GP1A14 Datasheet
129Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A17 SHARP-GP1A17 Datasheet
60Kb / 4P
Wide Gap Type, OPIC Photointerrupter
More results


Similar Description - GP1A15

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S06 SHARP-GP1S06 Datasheet
50Kb / 4P
High Sensing Accuracy Type Photointerrupter
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
Subminiature, High Sensing Accuracy Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S56T SHARP-GP1S56T Datasheet
51Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com