Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S56T Datasheet (PDF) - Sharp Corporation

GP1S56T Datasheet PDF - Sharp Corporation
Part # GP1S56T
Download  GP1S56T Download
File Size   51.03 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin

GP1S56T Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S56T Datasheet PDF - Sharp Corporation

Part # GP1S56T
Download  GP1S56T Click to download

File Size   51.03 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin

GP1S56T Datasheet (HTML) - Sharp Corporation


GP1S56T Product details

■ Features
1. High sensing accuracy (Slit width : 0.15mm )
2. Compact (Case height : 7.5mm )
3. With positioning pin
4. PWB direct mounting type

■ Applications
1. Floppy disk drives
3. Optoelectronic switches
2. VCRs, cassette decks




Similar Part No. - GP1S56T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S56TJ000F SHARP-GP1S56TJ000F Datasheet
157Kb / 12P
Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
More results


Similar Description - GP1S56T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A15 SHARP-GP1A15 Datasheet
60Kb / 4P
High Sensing Accuracy Type OPIC Photointerrupter
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S06 SHARP-GP1S06 Datasheet
50Kb / 4P
High Sensing Accuracy Type Photointerrupter
GP1S34 SHARP-GP1S34 Datasheet
46Kb / 4P
Subminiature, High Sensing Accuracy Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
Compact, High Sensing Accuracty Type Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
High-accuracy Sensing with a Thin, Compact Body.
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com