Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1EZ6.2D5 Datasheet (PDF) - Micro Commercial Components

1EZ6.2D5 Datasheet PDF - Micro Commercial Components
Part # 1EZ6.2D5
Download  1EZ6.2D5 Download
File Size   302.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 W Silicon Zener Diodes 5.6 to 39 Volts

1EZ6.2D5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1EZ6.2D5 Datasheet PDF - Micro Commercial Components

Part # 1EZ6.2D5
Download  1EZ6.2D5 Click to download

File Size   302.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 W Silicon Zener Diodes 5.6 to 39 Volts

1EZ6.2D5 Datasheet (HTML) - Micro Commercial Components


1EZ6.2D5 Product details

Features
• VZ-Tolerance+/-5%
• Glass Passivated Junction
• Excellent Clamping Capability
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Lead Free Finish/RoHS Compliant (Note1)("P" Suffix Designates Compliant. See Ordering Information)




Similar Part No. - 1EZ6.2D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ6.2D5 MCC-1EZ6.2D5 Datasheet
318Kb / 3P
1.0 W Silicon Zener Diodes 5.6 to 39 Volts
More results


Similar Description - 1EZ6.2D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5 Datasheet
86Kb / 3P
1.0 W Silicon Zener Diodes 100 to 200 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
500 mW Zener Diodes 2.4 to 39 Volts
1EZ5.6D5 MCC-1EZ5.6D5_13 Datasheet
318Kb / 3P
1.0 W Silicon Zener Diodes 5.6 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
500 mW Zener Diodes 2.4 to 39 Volts
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
1.0 W Silicon Zener Diodes Zener Diodes
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
200 mW Zener Diodes 2.7 to 39 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com