Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS181 Datasheet (PDF) - Micro Commercial Components

1SS181 Datasheet PDF - Micro Commercial Components
Part # 1SS181
Download  1SS181 Download
File Size   134.51 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW High Speed Switching Diodes 80 Volt

1SS181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS181 Datasheet PDF - Micro Commercial Components

Part # 1SS181
Download  1SS181 Click to download

File Size   134.51 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150mW High Speed Switching Diodes 80 Volt

1SS181 Datasheet (HTML) - Micro Commercial Components


1SS181 Product details

Features
• Low Forward Voltage
• Low Leakage Current
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Thermal Resistance: 833°C/W Junction to Ambient




Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results


Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
1SS184 MCC-1SS184 Datasheet
204Kb / 3P
150mW High Speed Switching Diodes 80 Volt
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS181 MCC-1SS181_13 Datasheet
158Kb / 2P
150mW High Speed Switching Diodes 80 Volt
1SS184 MCC-1SS184_13 Datasheet
228Kb / 3P
150mW High Speed Switching Diodes 80 Volt
1SS187 MCC-1SS187 Datasheet
418Kb / 3P
150mW High Speed Switching Diodes 80 Volt
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com