Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S25 Datasheet (PDF) - Sharp Corporation

GP1S25 Datasheet PDF - Sharp Corporation
Part # GP1S25
Download  GP1S25 Download
File Size   49.47 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Side Lead Type Ultra-compact Photointerrupter

GP1S25 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S25 Datasheet PDF - Sharp Corporation

Part # GP1S25
Download  GP1S25 Click to download

File Size   49.47 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Side Lead Type Ultra-compact Photointerrupter

GP1S25 Datasheet (HTML) - Sharp Corporation


GP1S25 Product details

Features
1. Side lead ultra-compact transmission type
2. Conforming to solder reflow
    Pre-heat : 160 ˚C, MAX. 120 sec
    Reflow : 200 ˚C, MAX. 60 sec 240 ˚C, MAX. 10 sec
3. Slit : 0.3 mm
4. Gap : 1.6 mm

Applications
1. CD-ROM drives
2. FDDs




Similar Part No. - GP1S25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S25J0000F SHARP-GP1S25J0000F Datasheet
181Kb / 11P
SMT, Gap : 1.6mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Similar Description - GP1S25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
Compact, High Sensing Accuracy Type Photointerrupter
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
Compact Photointerrupter
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S560 SHARP-GP1S560 Datasheet
48Kb / 4P
Compact, High Sensing Accuracty Type Photointerrupter
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
Compact Photointerrupter with Holders
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
Compact Photointerrupter
logo
Rohm
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
Ultra compact,thin side-view type LED
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com