Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L01F Datasheet (PDF) - Sharp Corporation

GP2L01F Datasheet PDF - Sharp Corporation
Part # GP2L01F
Download  GP2L01F Download
File Size   51.69 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, Long Focal Distance Type Photointerrupter

GP2L01F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2L01F Datasheet PDF - Sharp Corporation

Part # GP2L01F
Download  GP2L01F Click to download

File Size   51.69 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, Long Focal Distance Type Photointerrupter

GP2L01F Datasheet (HTML) - Sharp Corporation


GP2L01F Product details

■ Features
1. Long focal distance
2. High current transfer ratio
    GP2L01 CTR: MIN. 30%
    GP2L01F CTR: MIN. 25% at I F= 10mA
2. Visible light cut-off type: GP2L01F


■ Applications
1. Copiers, printers
2. Automatic vending machines, ticket vending machines
3. Optoelectronic switches, optoelectronic counters




Similar Part No. - GP2L01F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L04 SHARP-GP2L04 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
GP2L06 SHARP-GP2L06 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
GP2L09 SHARP-GP2L09 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
More results


Similar Description - GP2L01F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com