Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0001 Datasheet (PDF) - Sharp Corporation

GP2W0001 Datasheet PDF - Sharp Corporation
Part # GP2W0001
Download  GP2W0001 Download
File Size   102.0 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Data Sheet 115 kbps Transceiver

GP2W0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2W0001 Datasheet PDF - Sharp Corporation

Part # GP2W0001
Download  GP2W0001 Click to download

File Size   102.0 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Data Sheet 115 kbps Transceiver

GP2W0001 Datasheet (HTML) - Sharp Corporation


GP2W0001 Product details

DESCRIPTION
The SHARP GP2W0001YP is one of the smallest transceiver modules. Even at low operating voltages, it provides a reliable interface between logic and IR signals for through-air, serial, half-duplex IR wireless data links and is designed to satisfy IrDA physical layer specifications.

FEATURES
• IrDA 1.2a Low Power Option Compatible:
    – IF = 27 mA (TYP.) for an operating distance of 20 cm
• Small Package Design for IrDA 1.0 Compliant Infrared Transceiver 8.7 (W) × 4.2 (D) × 3.15 (H) mm
• Receiver output provides a full output pulse for the received input signal
• Fits within Mobile Phone Connector Dimensions
• Low Power Consumption and Built-in Shut-Down Mode (1 µA MAX.)
• Wide Range of Operating Voltages provides power supply design flexibility (VCC = 2.7 V to 5.5 V)
• Solder Reflow Compatibility for automated production processes
• SMD Package allows both Vertical and Horizontal mounting on PCBs Description




Similar Part No. - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001 SHARP-GP2W0001 Datasheet
145Kb / 14P
Low Power Infrared Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
145Kb / 14P
Low Power Infrared Transceiver
More results


Similar Description - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0104YP SHARP-GP2W0104YP Datasheet
99Kb / 14P
115 kbps Transceiver
GP2W0106YP SHARP-GP2W0106YP Datasheet
107Kb / 16P
115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
IrDA COMPLIANT TRANSCEIVER
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
IrDA Transceiver Module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Texas Instruments
UCC5342 TI1-UCC5342 Datasheet
202Kb / 5P
IrDA 115.2kbps Transceiver
logo
Vishay Siliconix
IRMS6118 VISHAY-IRMS6118 Datasheet
476Kb / 8P
115 Kb/s Infrared Data Transceiver
17-August-01
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com