Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0001 Datasheet (PDF) - Sharp Corporation

GP2W0001 Datasheet PDF - Sharp Corporation
Part # GP2W0001
Download  GP2W0001 Download
File Size   145.9 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power Infrared Transceiver

GP2W0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2W0001 Datasheet PDF - Sharp Corporation

Part # GP2W0001
Download  GP2W0001 Click to download

File Size   145.9 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power Infrared Transceiver

GP2W0001 Datasheet (HTML) - Sharp Corporation


GP2W0001 Product details

DESCRIPTION
The SHARP GP2W0001YP is one of the smallest transceiver modules. Even at low operating voltages, it provides a reliable interface between logic and IR signals for through-air, serial, half-duplex IR wireless data links and is designed to satisfy IrDA physical layer specifications.

FEATURES
• IrDA 1.2a Low Power Option Compatible:
    – IF = 27 mA (TYP.) for an operating distance of 20 cm
• Small Package Design for IrDA 1.0 Compliant Infrared Transceiver 8.7 (W) × 4.2 (D) × 3.15 (H) mm
• Receiver output provides a full output pulse for the received input signal
• Fits within Mobile Phone Connector Dimensions
• Low Power Consumption and Built-in Shut-Down Mode (1 µA MAX.)
• Wide Range of Operating Voltages provides power supply design flexibility (VCC = 2.7 V to 5.5 V)
• Solder Reflow Compatibility for automated production processes
• SMD Package allows both Vertical and Horizontal mounting on PCBs Description




Similar Part No. - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001 SHARP-GP2W0001 Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
More results


Similar Description - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Sharp Corporation
GP2W0110YPS SHARP-GP2W0110YPS Datasheet
551Kb / 14P
Low Power Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
INFRARED TRANSCEIVER
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
22-Oct-2018
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com