Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1162-O Datasheet (PDF) - Micro Commercial Components

2SA1162-O Datasheet PDF - Micro Commercial Components
Part # 2SA1162-O
Download  2SA1162-O Download
File Size   199.3 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

2SA1162-O Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1162-O Datasheet PDF - Micro Commercial Components

Part # 2SA1162-O
Download  2SA1162-O Click to download

File Size   199.3 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

2SA1162-O Datasheet (HTML) - Micro Commercial Components


2SA1162-O Product details

Features
•  Capable of 0.15Watts of Power Dissipation.
•  Collector-current: 0.15A
•  Collector-base Voltage: -50V
•  Operating and storage junction temperature range: -55°C to +150°C
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1
​​​​​​​•  Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
​​​​​​​• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SA1162-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1162-O KEXIN-2SA1162-O Datasheet
1Mb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SA1162-O MCC-2SA1162-O Datasheet
264Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1162-O YFWDIODE-2SA1162-O Datasheet
639Kb / 3P
PNP Transistors
logo
Guangdong Kexin Industr...
2SA1162-O-HF KEXIN-2SA1162-O-HF Datasheet
1Mb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SA1162-O MCC-2SA1162-O_13 Datasheet
264Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Similar Description - 2SA1162-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MPS2907 MCC-MPS2907 Datasheet
244Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com