Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF421 Datasheet (PDF) - Micro Commercial Components

BF421 Datasheet PDF - Micro Commercial Components
Part # BF421
Download  BF421 Download
File Size   224.45 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

BF421 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF421 Datasheet PDF - Micro Commercial Components

Part # BF421
Download  BF421 Click to download

File Size   224.45 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Plastic-Encapsulate Transistor

BF421 Datasheet (HTML) - Micro Commercial Components


BF421 Product details

Features
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings @ 25°C Unless Otherwise Specified
• Operating Junction Temperature Range: -55℃ to +150℃
• Storage Temperature Range: -55℃ to +150℃
• Thermal Resistance: 150℃/W Junction to Ambient




Similar Part No. - BF421

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
High Voltage Transistors(PNP)
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
NXP Semiconductors
BF421 PHILIPS-BF421 Datasheet
62Kb / 6P
PNP high-voltage transistors
2004 Nov 10
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
logo
General Semiconductor
BF421 GE-BF421 Datasheet
39Kb / 2P
Small Signal Transistors (PNP)
More results


Similar Description - BF421

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
MPS2907 MCC-MPS2907 Datasheet
244Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com