Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21A Datasheet (PDF) - Micro Commercial Components

BAS21A Datasheet PDF - Micro Commercial Components
Part # BAS21A
Download  BAS21A Download
File Size   188.83 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW 250Volt Switching Diode

BAS21A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21A Datasheet PDF - Micro Commercial Components

Part # BAS21A
Download  BAS21A Click to download

File Size   188.83 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW 250Volt Switching Diode

BAS21A Datasheet (HTML) - Micro Commercial Components


BAS21A Product details

Features
 • Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
 • Epoxy meets UL 94 V-0 flammability rating
 • Moisture Sensitivity Level 1
 • Power dissipation: 225mW (Tamb=25°C)
 • Forward current: 200mA
 • Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BAS21A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21A KEXIN-BAS21A Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
Taiwan Semiconductor Co...
BAS21A TSC-BAS21A Datasheet
80Kb / 2P
225mW SMD Switching Diode
More results


Similar Description - BAS21A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS116 MCC-BAS116 Datasheet
153Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com