Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet (PDF) - Micro Commercial Components

BAS116 Datasheet PDF - Micro Commercial Components
Part # BAS116
Download  BAS116 Download
File Size   153.56 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW Switching Diode

BAS116 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS116 Datasheet PDF - Micro Commercial Components

Part # BAS116
Download  BAS116 Click to download

File Size   153.56 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW Switching Diode

BAS116 Datasheet (HTML) - Micro Commercial Components


BAS116 Product details

Features
• Power dissipation: 225mW (Tamb=25°C)
• Forward current:200mA
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking: JV
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
   RoHS Compliant. See ordering information)




Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results


Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com