Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS116
Description  225mW Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS116 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS116 Datasheet HTML 1Page - Micro Commercial Components BAS116 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS116
225mW Switching
Diode
Features
•
Power dissipation: 225mW (Tamb=25 )
•
Forward current:200mA
Maximum Ratings
•
Operating Temperature: -55
to +150
•
Storage Temperature: -55
to +150
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
IR=100
­A
Maximum
Instantaneous
Forward Voltage
VF
0.9V
1.0V
1.1V
1.25V
IFM =1mA;
IFM =10mA;
IFM =50mA;
IFM =150mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0nA
VR=75Volts
Diode Capacitance
CD
2pF
Measured at 1.0MHz,
VR=0V
Reverse Recovery
Time
Trr
3
­s
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Marking: JV
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com