Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70LP Datasheet (PDF) - Micro Commercial Components

BAS70LP Datasheet PDF - Micro Commercial Components
Part # BAS70LP
Download  BAS70LP Download
File Size   340.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 70 mA Schottky Rectifier 70 Volts

BAS70LP Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70LP Datasheet PDF - Micro Commercial Components

Part # BAS70LP
Download  BAS70LP Click to download

File Size   340.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 70 mA Schottky Rectifier 70 Volts

BAS70LP Datasheet (HTML) - Micro Commercial Components


BAS70LP Product details

Features
• Small surface mounting type
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Low forward voltage and high breakdown voltage
• Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information)
• Marking: S5
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BAS70LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
BAS70LP FUTUREWAFER-BAS70LP Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Diodes Incorporated
BAS70LP DIODES-BAS70LP Datasheet
84Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
March 2011
logo
Analog Technologies, In...
BAS70LP-7B ANALOGTECHNOLOGIES-BAS70LP-7B Datasheet
512Kb / 7P
MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
Diodes Incorporated
BAS70LP DIODES-BAS70LP_15 Datasheet
84Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
March 2011
More results


Similar Description - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS70APT CHENMKO-BAS70APT Datasheet
348Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70CPT CHENMKO-BAS70CPT Datasheet
386Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70PT CHENMKO-BAS70PT Datasheet
387Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70SPT CHENMKO-BAS70SPT Datasheet
368Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70TAPT CHENMKO-BAS70TAPT Datasheet
228Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WAPT CHENMKO-BAS70WAPT Datasheet
213Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
logo
Micro Commercial Compon...
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
logo
Shenzhen Luguang Electr...
1S2760A LUGUANG-1S2760A Datasheet
205Kb / 2P
PRV : 70 Volts Io : 150 mA
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com