Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70LP Datasheet (PDF) - Diodes Incorporated

BAS70LP Datasheet PDF - Diodes Incorporated
Part # BAS70LP
Download  BAS70LP Download
File Size   84.38 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE

BAS70LP Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70LP Datasheet PDF - Diodes Incorporated

Part # BAS70LP
Download  BAS70LP Click to download

File Size   84.38 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE

BAS70LP Datasheet (HTML) - Diodes Incorporated


BAS70LP Product details

Features
• Low Turn-on Voltage
• Fast Switching
• Ultra-Small Surface Mount Package
• Lead Free/RoHS Compliant (Note 1)
• "Green" Device (Note 2)

Mechanical Data
• Case: DFN1006-2
• Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish - NiPdAu annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
• Weight: 0.001 grams (approximate)




Similar Part No. - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP Datasheet
340Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
FutureWafer Tech Co.,Lt...
BAS70LP FUTUREWAFER-BAS70LP Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Analog Technologies, In...
BAS70LP-7B ANALOGTECHNOLOGIES-BAS70LP-7B Datasheet
512Kb / 7P
MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
More results


Similar Description - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com