Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70LP Datasheet HTML 1Page - Diodes Incorporated BAS70LP Datasheet HTML 2Page - Diodes Incorporated BAS70LP Datasheet HTML 3Page - Diodes Incorporated BAS70LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS70LP
Document number: DS35105 Rev. 2 - 2
1 of 4
www.diodes.com
March 2011
© Diodes Incorporated
BAS70LP
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Low Turn-on Voltage
Fast Switching
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: DFN1006-2
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (approximate)
DFN1006-2
Top View
Bottom View
Ordering Information (Note 3)
Part Number
Case
Packaging
BAS70LP-7B
DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
73 = Product Type Marking Code
Bar Denotes Cathode Side


Similar Part No. - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP Datasheet
340Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
FutureWafer Tech Co.,Lt...
BAS70LP FUTUREWAFER-BAS70LP Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Analog Technologies, In...
BAS70LP-7B ANALOGTECHNOLOGIES-BAS70LP-7B Datasheet
512Kb / 7P
MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
More results

Similar Description - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com