Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet (PDF) - Micro Commercial Components

BAS85 Datasheet PDF - Micro Commercial Components
Part # BAS85
Download  BAS85 Download
File Size   701.19 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Small Signal Schottky Barrier Diodes 30 Volts

BAS85 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS85 Datasheet PDF - Micro Commercial Components

Part # BAS85
Download  BAS85 Click to download

File Size   701.19 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Small Signal Schottky Barrier Diodes 30 Volts

BAS85 Datasheet (HTML) - Micro Commercial Components


BAS85 Product details

Features
• Moisture Sensitivity Level 1
• This diode features low turn-on voltage
• The devices are protected by a PN junction guard ring against
   excessive voltage, such as electrostatic discharges
• This diode is also available in a DO-35 case with type designation
   BAT85
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
   RoHS Compliant. See ordering information)




Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results


Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
200mW Schottky Diodes 30 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Weitron Technology
BAT54BS WEITRON-BAT54BS Datasheet
720Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 250mAMPERES 30 VOLTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com