Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS85
Description  200mW Small Signal Schottky Barrier Diodes 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS85 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS85 Datasheet HTML 1Page - Micro Commercial Components BAS85 Datasheet HTML 2Page - Micro Commercial Components BAS85 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS85
200mW
Small Signal Schottky
Barrier Diodes
30 Volts
Features
•
Moisture Sensitivity Level 1
•
This diode features low turn-on voltage
•
The devices are protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharges
•
This diode is also available in a DO-35 case with type designation
BAT85
Rating
Rating
Unit
VR
Continuous Reverse Voltage
30
V
IF
Forward DC Current at Tamb=25
℃
200
(2)
mA
IFM
Repetitive Peak Forward Current Tamb=25
℃
300
(2)
mA
IFSM
Surge Forward Current at tp<1s, Tamb=25
℃
600
(2)
mA
Ptot
Power Dissipation at Tamb=65
℃
200
(2)
mW
RJA
Thermal Resistance Junction to Ambient Air
430
(2)
℃/W
TJ
Junction Temperature
125
℃
TSTG
Storage Temperature
-55 to +150
℃
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=10
µAdc Pulsed)
30
---
---
V
VF
Forward Voltage
IF=0.1mA, Pulse test tp<300
μs
IF=1.0mA, Pulse test tp<300
μs
IF=10mA, Pulse test tp<300
μs
IF=30mA, Pulse test tp<300
μs
IF=100mA, Pulse test tp<300
μs
---
---
---
---
---
---
---
---
0.5
---
0.24
0.32
0.40
---
0.80
V
IR
Leakage Current
(3)
(VR=25Vdc)
---
0.2
2.0
µA
Ctot
Capacitance
(VR=1.0V, f=1.0MHz)
---
---
10
pF
trr
Reverse Recovery Time
(IF=10mA, IR=10mA, Irr=1.0mA)
---
---
5.0
ns
2. Valid provided that electrodes are kept at ambient temperature
MINIMELF
A
B
C
Cathode Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings
Symbol
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
200mW Schottky Diodes 30 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Weitron Technology
BAT54BS WEITRON-BAT54BS Datasheet
720Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 250mAMPERES 30 VOLTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com