Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH52258A Datasheet (PDF) - Sharp Corporation

LH52258A Datasheet PDF - Sharp Corporation
Part # LH52258A
Download  LH52258A Download
File Size   77.34 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 32K x 8 Static RAM

LH52258A Datasheet (PDF)

Go To PDF Page Download Datasheet
LH52258A Datasheet PDF - Sharp Corporation

Part # LH52258A
Download  LH52258A Click to download

File Size   77.34 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 32K x 8 Static RAM

LH52258A Datasheet (HTML) - Sharp Corporation


LH52258A Product details

FUNCTIONAL DESCRIPTION
The LH52258A is a high-speed 262,144 bit static RAM organized as 32K × 8. A fast, efficient design is obtained with a CMOS periphery and a matrix constructed with polysilicon load memory cells.

FEATURES
• Fast Access Times: 20/25 ns
• Low-Power Standby when Deselected
• TTL Compatible I/O
• 5 V ± 10% Supply
• Fully-Static Operation
• JEDEC Standard Pinout
• Packages:
   28-Pin, 300-mil DIP
   28-Pin, 300-mil SOJ




Similar Part No. - LH52258A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
LH52253D15 SHARP-LH52253D15 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
LH52253D20 SHARP-LH52253D20 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
LH52253D25 SHARP-LH52253D25 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
LH52253D35 SHARP-LH52253D35 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
More results


Similar Description - LH52258A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
32K x 8 CMOS Static RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
Winbond
W24256 WINBOND-W24256 Datasheet
147Kb / 10P
32K X 8 CMOS STATIC RAM
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
32K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
32K X 8 CMOS STATIC RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com