Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH52256C Datasheet (PDF) - Sharp Corporation

LH52256C Datasheet PDF - Sharp Corporation
Part # LH52256C
Download  LH52256C Download
File Size   97.02 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 256K (32K x 8) Static RAM

LH52256C Datasheet (PDF)

Go To PDF Page Download Datasheet
LH52256C Datasheet PDF - Sharp Corporation

Part # LH52256C
Download  LH52256C Click to download

File Size   97.02 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 256K (32K x 8) Static RAM

LH52256C Datasheet (HTML) - Sharp Corporation


LH52256C Product details

DESCRIPTION
The LH52256C is a Static RAM organized as 32,768 × 8 bits which provides low-power standby mode. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 32,768 × 8 bit organization
• Access time: 70 ns (MAX.)
• Supply current:
   Operating: 45 mA (MAX.)
      10 mA (MAX.) (tRC, tWC = 1 µs)
   Standby: 40 µA (MAX.)
• Data retention current: 1.0 µA (MAX.)
   (VCCDR = 3 V, TA = 25°C)
• Wide operating voltage range: 4.5 V ± 5.5 V
• Operating temperature:
   Commerical temperature 0°C to +70°C
   Industrial temperature -40° to +85°C
• Fully-static operation
• Three-state outputs
• Not designed or rated as radiation hardened
• Package:
   28-pin, 600-mil DIP
   28-pin, 450-mil SOP
   28-pin, 300-mil SK-DIP
   28-pin, 8 × 3 mm2 TSOP (Type I)
• N-type bulk silicon




Similar Part No. - LH52256C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
109Kb / 12P
32,768 쨈 8 bit organization
LH52256C-10LL SHARP-LH52256C-10LL Datasheet
727Kb / 16P
256K SRAM
LH52256C-70LL SHARP-LH52256C-70LL Datasheet
109Kb / 12P
32,768 쨈 8 bit organization
LH52256CH-85LL SHARP-LH52256CH-85LL Datasheet
700Kb / 15P
256K SRAM
LH52256CHN-85LL SHARP-LH52256CHN-85LL Datasheet
454Kb / 17P
256K SRAM
More results


Similar Description - LH52256C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
CMOS 256K (32K x 8) Pseudo-Static RAM
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
logo
Sharp Corporation
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Device Techn...
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com