Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH52256C Datasheet (PDF) - Sharp Corporation

LH52256C Datasheet PDF - Sharp Corporation
Part # LH52256C
Download  LH52256C Download
File Size   109.35 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32,768 쨈 8 bit organization

LH52256C Datasheet (PDF)

Go To PDF Page Download Datasheet
LH52256C Datasheet PDF - Sharp Corporation

Part # LH52256C
Download  LH52256C Click to download

File Size   109.35 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32,768 쨈 8 bit organization

LH52256C Datasheet (HTML) - Sharp Corporation


LH52256C Product details

DESCRIPTION
The LH52256C is a Static RAM organized as 32,768 × 8 bits which provides low-power standby mode. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 32,768 × 8 bit organization
• Access time: 70 ns (MAX.)
• Supply current:
   Operating: 45 mA (MAX.)
      10 mA (MAX.) (tRC, tWC = 1 µs)
   Standby: 40 µA (MAX.)
• Data retention current: 1.0 µA (MAX.)
   (VCCDR = 3 V, TA = 25°C)
• Wide operating voltage range: 4.5 V ± 5.5 V
• Operating temperature:
   Commerical temperature 0°C to +70°C
   Industrial temperature -40° to +85°C
• Fully-static operation
• Three-state outputs
• Not designed or rated as radiation hardened
• Package:
   28-pin, 600-mil DIP
   28-pin, 450-mil SOP
   28-pin, 300-mil SK-DIP
   28-pin, 8 × 3 mm2 TSOP (Type I)
• N-type bulk silicon




Similar Part No. - LH52256C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
LH52256C-10LL SHARP-LH52256C-10LL Datasheet
727Kb / 16P
256K SRAM
LH52256CH SHARP-LH52256CH Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
LH52256CH-85LL SHARP-LH52256CH-85LL Datasheet
700Kb / 15P
256K SRAM
LH52256CHN-85LL SHARP-LH52256CHN-85LL Datasheet
454Kb / 17P
256K SRAM
More results


Similar Description - LH52256C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
TC55257DPL TOSHIBA-TC55257DPL Datasheet
504Kb / 13P
32,768 WORD-8 BIT STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
32,768-Bit (4096 x 8) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
32,768-Bit (4096 x 8) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
32,768 X 8-BIT STATIC CMOS RAM
logo
Hitachi Semiconductor
HM62V256 HITACHI-HM62V256 Datasheet
111Kb / 14P
32,768-word 쨈 8-bit Low Voltage Operation CMOS Static RAM
logo
Toshiba Semiconductor
TC55257DPL-55V TOSHIBA-TC55257DPL-55V Datasheet
496Kb / 13P
32,768-WORD BY 8-BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com