Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5316P00B Datasheet (PDF) - Sharp Corporation

LH5316P00B Datasheet PDF - Sharp Corporation
Part # LH5316P00B
Download  LH5316P00B Download
File Size   50.72 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16M (2M x 8/1M x 16) MROM

LH5316P00B Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5316P00B Datasheet PDF - Sharp Corporation

Part # LH5316P00B
Download  LH5316P00B Click to download

File Size   50.72 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16M (2M x 8/1M x 16) MROM

LH5316P00B Datasheet (HTML) - Sharp Corporation


LH5316P00B Product details

DESCRIPTION
The LH5316P00B is a 16M-bit mask-programmable ROM organized as 2,097,152 × 8 bits (Byte mode) or 1,048,576 × 16 bits (Word mode) that can be selected by a BYTE input pin. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 2,097,152 × 8 bit organization
   (Byte mode: BYTE = VIL)
  1,048,576 × 16 bit organization
   (Word mode: BYTE = VIH)
• Access time: 120 ns (MAX.)
• Supply current:
   – Operating: 70 mA (MAX.)
   – Standby: 100 µA (MAX.)
• TTL compatible I/O
• Three-state output
• Single +5 V power supply
• Static operation
• Package:
   44-pin, 600-mil SOP
• Item related with COCOM regulation:
   – Non programmable
   – Not designed or rated as radiation hardened
   – CMOS process (P type silicon substrate)




Similar Part No. - LH5316P00B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
CMOS 1M (128K x 8) MROM
More results


Similar Description - LH5316P00B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
logo
fujitsu semiconductor
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
16M (2M X 8/1M X 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
16M (2M x 8/1M x 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com