Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH531024 Datasheet (PDF) - Sharp Corporation

LH531024 Datasheet PDF - Sharp Corporation
Part # LH531024
Download  LH531024 Download
File Size   72.04 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (64K x 16) MROM

LH531024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH531024 Datasheet PDF - Sharp Corporation

Part # LH531024
Download  LH531024 Click to download

File Size   72.04 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (64K x 16) MROM

LH531024 Datasheet (HTML) - Sharp Corporation


LH531024 Product details

DESCRIPTION
The LH531024 is a mask-programmable ROM organized as 65,536 × 16 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 65,536 words × 16 bit organization
• Access time: 100 ns (MAX.)
• Power consumption:
    Operating: 412.5 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• JEDEC standard EPROM pinout (DIP)
• Packages:
    40-pin, 600-mil DIP
    40-pin, 525-mil SOP
    44-pin, 650-mil QFJ (PLCC)




Similar Part No. - LH531024

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
More results


Similar Description - LH531024

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
CMOS 1M (128K x 8) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
CMOS 24M (1.5M x 16) MROM
LH53517 SHARP-LH53517 Datasheet
59Kb / 6P
CMOS 512K (64K x 8) MROM
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
CMOS 8M (1M x 8) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
1M-BIT [64K x 16] CMOS MASK ROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com