Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH538700A Datasheet (PDF) - Sharp Corporation

LH538700A Datasheet PDF - Sharp Corporation
Part # LH538700A
Download  LH538700A Download
File Size   58.5 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 8M (1M x 8) MROM

LH538700A Datasheet (PDF)

Go To PDF Page Download Datasheet
LH538700A Datasheet PDF - Sharp Corporation

Part # LH538700A
Download  LH538700A Click to download

File Size   58.5 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 8M (1M x 8) MROM

LH538700A Datasheet (HTML) - Sharp Corporation


LH538700A Product details

DESCRIPTION
The LH538700A is an 8M-bit mask-programmable ROM organized as 1,048,576 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 1,048,576 words × 8 bit organization
• Access time: 100 ns (MAX.)
• Power consumption:
    Operating: 550 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Packages:
    32-pin, 600-mil DIP
    32-pin, 525-mil SOP
    32-pin, 400-mil TSOP (Type II)




Similar Part No. - LH538700A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
More results


Similar Description - LH538700A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
CMOS 1M (128K x 8) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
FLASH MEMORY CMOS 8M (1M X 8) BIT
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com