Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH53517 Datasheet (PDF) - Sharp Corporation

LH53517 Datasheet PDF - Sharp Corporation
Part # LH53517
Download  LH53517 Download
File Size   59.67 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512K (64K x 8) MROM

LH53517 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH53517 Datasheet PDF - Sharp Corporation

Part # LH53517
Download  LH53517 Click to download

File Size   59.67 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512K (64K x 8) MROM

LH53517 Datasheet (HTML) - Sharp Corporation


LH53517 Product details

DESCRIPTION
The LH53517 is a mask-programmable ROM organized as 65,536 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 65,536 words × 8 bit organization
• Access time: 150 ns (MAX.)
• Low-power consumption:
    Operating: 165 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Mask-programmable OE/OE
• Packages:
    28-pin, 600-mil DIP
    28-pin, 450-mil SOP
    28-pin, 8 × 13.4 mm2 TSOP (Type I)




Similar Part No. - LH53517

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH530800A-Y SHARP-LH530800A-Y Datasheet
52Kb / 6P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B-S SHARP-LH531000B-S Datasheet
39Kb / 5P
CMOS 1M (128K x 8) 3 V-Drive MROM
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
More results


Similar Description - LH53517

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
LH534B00 SHARP-LH534B00 Datasheet
42Kb / 5P
CMOS 4M (512K x 8) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
512K (64K x 8) CMOS EPROM
1996
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com