Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH534B00 Datasheet (PDF) - Sharp Corporation

LH534B00 Datasheet PDF - Sharp Corporation
Part # LH534B00
Download  LH534B00 Download
File Size   42.31 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (512K x 8) MROM

LH534B00 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH534B00 Datasheet PDF - Sharp Corporation

Part # LH534B00
Download  LH534B00 Click to download

File Size   42.31 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (512K x 8) MROM

LH534B00 Datasheet (HTML) - Sharp Corporation


LH534B00 Product details

DESCRIPTION
The LH534B00 is a 4M-bit mask-programmable ROM organized as 524,288 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 524,288 words × 8 bit organization
• Access time: 120 ns (MAX.)
• Power consumption:
    Operating: 330 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Package:
    40-pin, 10 × 20 mm2 TSOP (Type I)




Similar Part No. - LH534B00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
More results


Similar Description - LH534B00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
CMOS 32M (4M x 8/2M x 16) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
LH53517 SHARP-LH53517 Datasheet
59Kb / 6P
CMOS 512K (64K x 8) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
logo
fujitsu semiconductor
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
4M (512K X 8) BIT
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com