Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5PV8512 Datasheet (PDF) - Sharp Corporation

LH5PV8512 Datasheet PDF - Sharp Corporation
Part # LH5PV8512
Download  LH5PV8512 Download
File Size   90.73 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (512K x 8) Pseudo-Static RAM

LH5PV8512 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5PV8512 Datasheet PDF - Sharp Corporation

Part # LH5PV8512
Download  LH5PV8512 Click to download

File Size   90.73 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (512K x 8) Pseudo-Static RAM

LH5PV8512 Datasheet (HTML) - Sharp Corporation


LH5PV8512 Product details

DESCRIPTION
The LH5PV8512 is a 4M bit Pseudo-Static RAM with a 524,288 word × 8 bit organization. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 524,288 words × 8 bit organization
• CE access time (tCEA): 120 ns (MAX.)
• Cycle time (tRC): 190 ns (MIN.)
• Power supply:
   +3.0 V ± 0.15 V (Operating)
   +2.2 V to +3.15 V (Data retention)
• Power consumption (MAX.):
   126 mW (Operating)
   95 µW (Standby = CMOS input level)
   221 µW (Self-refresh = CMOS input level)
• Available for address refresh,
   auto-refresh, and self-refresh modes
• 2,048 refresh cycles/32 ms
• Address non-multiple
• Not designed or rated as radiation hardened
• Package:
   32-pin, 525-mil SOP
• Package material: Plastic
• Substrate material: P-type silicon
• Process: Silicon-gate CMOS
• Operating temperature: 0 - 70°C




Similar Part No. - LH5PV8512

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
CMOS 4M (256K x 16) Pseudo-Static RAM
More results


Similar Description - LH5PV8512

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
CMOS 512K (32K x 16) Pseudo-Static RAM
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
LH5P864 SHARP-LH5P864 Datasheet
76Kb / 10P
CMOS 512K (64K x 8) Pseudo-Static RAM
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY62148V CYPRESS-CY62148V_02 Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
4-Mbit (512K x 8) Pseudo Static RAM
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
8-Mbit (512K x 16) Pseudo Static RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com