Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5P864 Datasheet (PDF) - Sharp Corporation

LH5P864 Datasheet PDF - Sharp Corporation
Part # LH5P864
Download  LH5P864 Download
File Size   76.59 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512K (64K x 8) Pseudo-Static RAM

LH5P864 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5P864 Datasheet PDF - Sharp Corporation

Part # LH5P864
Download  LH5P864 Click to download

File Size   76.59 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512K (64K x 8) Pseudo-Static RAM

LH5P864 Datasheet (HTML) - Sharp Corporation


LH5P864 Product details

DESCRIPTION
The LH5P864 is a 512K-bit Pseudo-Static RAM organized as 65,536 × 8 bits. It is fabricated using silicon-gate CMOS process technology. With its built-in oscillator, it is easy to refresh memories without an external clock.

FEATURES
• 65,536 × 8 bit organization
• Access time: 80 ns (MAX.)
• Cycle time: 140 ns (MIN.)
• Single +5 V power supply
• Power consumption:
    Operating: 440 mW (MAX.)
    Standby (TTL level): 22 mW (MAX.)
    Standby (CMOS level): 2.75 mW (MAX.)
• Operating temperature: 0 to 70°C
• TTL compatible I/O
• 512 refresh cycles/8 ms (MAX.)
• Available for auto-refresh and self-refresh modes
• Package: 32-pin, 525-mil SOP




Similar Part No. - LH5P864

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
LH5P860D-80 SHARP-LH5P860D-80 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
LH5P860N-80 SHARP-LH5P860N-80 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
More results


Similar Description - LH5P864

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
512K X 8, CMOS STATIC RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
CMOS 512K (32K x 16) Pseudo-Static RAM
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
CMOS 512K (64K x 8) Pseudo-Static RAM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
4-Mbit (512K x 8) Pseudo Static RAM
M24L48512SA ESMT-M24L48512SA Datasheet
278Kb / 12P
4-Mbit (512K x 8) Pseudo Static RAM
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
8-Mbit (512K x 16) Pseudo Static RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com