Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5PV16256 Datasheet (PDF) - Sharp Corporation

LH5PV16256 Datasheet PDF - Sharp Corporation
Part # LH5PV16256
Download  LH5PV16256 Download
File Size   116.18 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (256K x 16) Pseudo-Static RAM

LH5PV16256 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5PV16256 Datasheet PDF - Sharp Corporation

Part # LH5PV16256
Download  LH5PV16256 Click to download

File Size   116.18 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 4M (256K x 16) Pseudo-Static RAM

LH5PV16256 Datasheet (HTML) - Sharp Corporation


LH5PV16256 Product details

DESCRIPTION
The LH5PV16256 is a 4M bit Pseudo-Static RAM with a 262,144 words × 16 bit organization.

FEATURES
• 262,144 words × 16 bit organization
• Power supply: +3.0 ± 0.15 V
• Access time: 120 ns (MAX.)
• Cycle time: 190 ns (MIN.)
• Power consumption (MAX.):
    126 mW (Operating)
    94.5 µW (Standby = CMOS input level)
    220.5 µW (Self-refresh = CMOS input level)
• LVTTL compatible I/O
• Available for address refresh, auto-refresh, and self-refresh modes
• 2,048 refresh cycles/32 ms
• Address non-multiple
• Available for byte write mode using UWE and LWE pins
• Package:
    44-pin, TSOP (Type II)
• Process: Silicon-gate CMOS
• Operating temperature: 0 - 70°C
• Not designed or rated as radiation hardened




Similar Part No. - LH5PV16256

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
More results


Similar Description - LH5PV16256

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
CMOS 256K (32K x 8) Pseudo-Static RAM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
logo
Cypress Semiconductor
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
4M (256K x 16) Static RAM
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
4M (256K x 16) Static RAM
logo
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
4Mb (256K x 16) Pseudo Static RAM
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
4Mb (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
4-Mbit (256K x 16) Pseudo Static RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com