Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH532048 Datasheet (PDF) - Sharp Corporation

LH532048 Datasheet PDF - Sharp Corporation
Part # LH532048
Download  LH532048 Download
File Size   71.65 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (128K x 16) MROM

LH532048 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH532048 Datasheet PDF - Sharp Corporation

Part # LH532048
Download  LH532048 Click to download

File Size   71.65 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (128K x 16) MROM

LH532048 Datasheet (HTML) - Sharp Corporation


LH532048 Product details

DESCRIPTION
The LH532048 is a 2M-bit mask-programmable ROM organized as 131,072 × 16 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 131,072 words × 16 bit organization
• Access time: 100 ns (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Power consumption:
   Operating: 412.5 mW (MAX.)
   Standby: 550 µW (MAX.)
• Packages:
   40-pin, 600-mil DIP
   40-pin, 525-mil SOP
   44-pin, 650-mil QFJ (PLCC)




Similar Part No. - LH532048

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
More results


Similar Description - LH532048

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH530800A SHARP-LH530800A Datasheet
61Kb / 6P
CMOS 1M (128K x 8) MROM
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH531V00 SHARP-LH531V00 Datasheet
60Kb / 6P
CMOS 1M (128K x 8) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
CMOS 32M (4M x 8/2M x 16) MROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com