Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5324P00A Datasheet (PDF) - Sharp Corporation

LH5324P00A Datasheet PDF - Sharp Corporation
Part # LH5324P00A
Download  LH5324P00A Download
File Size   63.18 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM

LH5324P00A Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5324P00A Datasheet PDF - Sharp Corporation

Part # LH5324P00A
Download  LH5324P00A Click to download

File Size   63.18 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM

LH5324P00A Datasheet (HTML) - Sharp Corporation


LH5324P00A Product details

DESCRIPTION
The LH5324P00A is a 24M-bit mask-programmable ROM organized as 3,145,728 × 8 bits (Byte mode) or 1,572,864 × 16 bits (Word mode) that can be selected by a BYTE input pin. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 3,145,728 words × 8 bit organization (Byte mode)
    1,572,864 words × 16 bit organization (Word mode)
• Access time: 120 ns (MAX.)
• Power consumption:
    Operating: 440 mW (MAX.)
    Standby: 1650 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Package: 44-pin, 600-mil SOP




Similar Part No. - LH5324P00A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
CMOS 24M (3M x 8) MROM
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
CMOS 24M (1.5M x 16) MROM
More results


Similar Description - LH5324P00A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
CMOS 24M (3M x 8) MROM
LH5324500 SHARP-LH5324500 Datasheet
58Kb / 7P
CMOS 24M (3M x 8/1.5M x 16) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
CMOS 24M (1.5M x 16) MROM
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
logo
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
logo
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
512K x 8 bit CMOS Mask Programmable ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
NEC
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
131,072 x 8-Bit Mask-Programmable CMOS ROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com