Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5324500 Datasheet (PDF) - Sharp Corporation

LH5324500 Datasheet PDF - Sharp Corporation
Part # LH5324500
Download  LH5324500 Download
File Size   58.15 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 24M (3M x 8/1.5M x 16) MROM

LH5324500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5324500 Datasheet PDF - Sharp Corporation

Part # LH5324500
Download  LH5324500 Click to download

File Size   58.15 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 24M (3M x 8/1.5M x 16) MROM

LH5324500 Datasheet (HTML) - Sharp Corporation


LH5324500 Product details

DESCRIPTION
The LH5324500 is a 24M-bit mask-programmable ROM organized as 3,145,728 × 8 bits (Byte mode) or 1,572,864 × 16 bits (Word mode) that can be selected by a BYTE input pin. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 3,145,728 words × 8 bit organization (Byte mode)
    1,572,864 words × 16 bit organization (Word mode)
• Access time: 150 ns (MAX.)
• Power consumption:
    Operating: 357.5 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Package: 44-pin, 600-mil SOP




Similar Part No. - LH5324500

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
CMOS 24M (3M x 8) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
CMOS 24M (1.5M x 16) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
More results


Similar Description - LH5324500

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531024 SHARP-LH531024 Datasheet
72Kb / 7P
CMOS 1M (64K x 16) MROM
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
CMOS 2M (128K x 16) MROM
LH5324000 SHARP-LH5324000 Datasheet
52Kb / 6P
CMOS 24M (3M x 8) MROM
LH5324C00 SHARP-LH5324C00 Datasheet
53Kb / 6P
CMOS 24M (1.5M x 16) MROM
LH5324P00A SHARP-LH5324P00A Datasheet
63Kb / 6P
CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
CMOS 32M (4M x 8/2M x 16) MROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com