Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH543601 Datasheet (PDF) - Sharp Corporation

LH543601 Datasheet PDF - Sharp Corporation
Part # LH543601
Download  LH543601 Download
File Size   360.67 Kbytes
Page   43 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 256 x 36 x 2 Bidirectional FIFO

LH543601 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH543601 Datasheet PDF - Sharp Corporation

Part # LH543601
Download  LH543601 Click to download

File Size   360.67 Kbytes
Page   43 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 256 x 36 x 2 Bidirectional FIFO

LH543601 Datasheet (HTML) - Sharp Corporation


LH543601 Product details

FUNCTIONAL DESCRIPTION
The LH543601 contains two FIFO buffers, FIFO #1 and FIFO #2. These operate in parallel, but in opposite directions, for bidirectional data buffering. FIFO #1 and FIFO #2 each are organized as 256 by 36 bits. The LH543601 is ideal either for wide unidirectional applications or for bidirectional data applications; component count and board area are reduced.

FEATURES
• Fast Cycle Times: 20/25/30/35 ns
• Pin-Compatible and Functionally-Compatible 0.7µ-Technology Replacement for Sharp LH5420
• Two 256 × 36-bit FIFO Buffers
• Full 36-bit Word Width
• Selectable 36/18/9-bit Word Width on Port B
• Independently-Synchronized (‘Fully-Asynchronous’) Operation of Port A and Port B
• ‘Synchronous’ Enable-Plus-Clock Control at Both Ports
• R/W, Enable, Request, and Address Control Inputs are Sampled on the Rising Clock Edge
• Synchronous Request/Acknowledge ‘Handshake’ Capability; Use is Optional
• Device Comes Up Into a Known Default State at Reset; Programming is Allowed, but is not Required
• Asynchronous Output Enables
• Five Status Flags per Port: Full, Almost-Full, Half-Full, Almost-Empty, and Empty
• Almost-Full Flag and Almost-Empty Flag are Programmable
• Mailbox Registers with Synchronized Flags
• Data-Bypass Function
• Data-Retransmit Function
• Automatic Byte Parity Checking
• 8 mA-IOL High-Drive Three-State Outputs with Built-In Series Resistor
• TTL/CMOS-Compatible I/O
• Space-Saving PQFP and TQFP Packages
• PQFP to PGA Package Conversion 1




Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results


Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
256 x 36 x 2 Bidirectional FIFO
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com