Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH543611 Datasheet (PDF) - Sharp Corporation

LH543611 Datasheet PDF - Sharp Corporation
Part # LH543611
Download  LH543611 Download
File Size   475.96 Kbytes
Page   57 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO

LH543611 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH543611 Datasheet PDF - Sharp Corporation

Part # LH543611
Download  LH543611 Click to download

File Size   475.96 Kbytes
Page   57 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO

LH543611 Datasheet (HTML) - Sharp Corporation


LH543611 Product details

FUNCTIONAL DESCRIPTION
The LH543611 and LH543621 contain two FIFO buffers, FIFO #1 and FIFO #2. These operate in parallel, but in opposite directions, for bidirectional data buffering. FIFO #1 and FIFO #2 each are organized as 512 or 1024 by 36 bits. The LH543611 and LH543621 are ideal either for wide unidirectional applications or for bidirectional data applications; component count and board area are reduced.

FEATURES
• Pin-Compatible and Functionally Upwards-Compatible with Sharp LH5420 and LH543601, but Deeper
• Expanded Control Register that is Fully Readable as well as Writeable
• Fast Cycle Times: 18/20/25/30/35 ns
• Improved Input Setup and Flag Out Timing
• Two 512 × 36-bit FIFO Buffers (LH543611) or Two 1024 × 36-bit FIFO Buffers (LH543621)
• Full 36-bit Word Width
• Selectable 36/18/9-bit Word Width on Port B; Selection May be Changed Without Resetting the BiFIFO
• Programmable Byte-Order Reversal – ‘Big-Endian ↔ Little-Endian Conversion’
• Independently-Synchronized (‘Fully-Asynchronous’) Operation of Port A and Port B
• ‘Synchronous’ Enable-Plus-Clock Control at Both Ports
• R/W, Enable, Request, and Address Control Inputs are Sampled on the Rising Clock Edge
• Synchronous Request/Acknowledge ‘Handshake’ Capability; Use is Optional
• Device Comes Up Into a Known Default State at Reset; Programming is Allowed, but is not Required
• Asynchronous Output Enables
• Five Status Flags per Port: Full, Almost-Full, Half-Full, Almost-Empty, and Empty
• All Flags are Independently Programmable for Either Synchronous or Asynchronous Operation
• Almost-Full Flag and Almost-Empty Flag Have Programmable Offsets
• Mailbox Registers with Synchronized Flags
• Data-Bypass Function
• Data-Retransmit Function
• Automatic Byte Parity Checking with Programmable Parity Flag Latch
• Programmable Byte Parity Generation
• Programmable Byte, Half-Word, or Full-Word Oriented Parity Operations
• 8 mA-IOL High-Drive Three-State Outputs with Built-In Series Resistor
• TTL/CMOS-Compatible I/O
• Space-Saving PQFP and TQFP Packages




Similar Part No. - LH543611

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543601 SHARP-LH543601 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
LH543601M-20 SHARP-LH543601M-20 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
LH543601M-25 SHARP-LH543601M-25 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
LH543601M-30 SHARP-LH543601M-30 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
LH543601M-35 SHARP-LH543601M-35 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
More results


Similar Description - LH543611

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
512 x 18 / 1024 x 18 Synchronous FIFO
LH543601 SHARP-LH543601 Datasheet
360Kb / 43P
256 x 36 x 2 Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
256 x 36 x 2 Bidirectional FIFO
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com