Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30 Datasheet (PDF) - Active-Semi, Inc

ACT30 Datasheet PDF - Active-Semi, Inc
Part # ACT30
Download  ACT30 Download
File Size   265.49 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Performance Off-Line Controller ActiveSwitcher??IC Family

ACT30 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT30 Datasheet PDF - Active-Semi, Inc

Part # ACT30
Download  ACT30 Click to download

File Size   265.49 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Performance Off-Line Controller ActiveSwitcher??IC Family

ACT30 Datasheet (HTML) - Active-Semi, Inc


ACT30 Product details

GENERAL DESCRIPTION

The ACT30 is a high performance green-energy off line power supply controller. It features a scalable driver for driving external NPN or MOSFET transistors for line voltage switching. This proprietary architecture enables many advanced

features to be integrated into a small package (TO-92 or SOT23-B), resulting in lowest total cost solution.



FEATURES

• Lowest Total Cost Solution

• 0.15W Standby Power

• Emitter Drive Allows Safe NPN Transistor Flyback Use

• Hiccup Mode Short Circuit

• Current Mode Operation

• Over-Current Protection

• Under-voltage Protection with Auto-Restart

• Proprietary Scalable Output Driver

• Flexible Packaging Options (Including TO-92)

• 65kHz or 100kHz Switching Frequency

• Selectable 0.4A to 1.2A Current Limit



APPLICATIONS

• Battery Chargers

• Power Adaptors

• Standby Power Supplies

• Appliances

• Universal Off-Line Power Supplies




Similar Part No. - ACT30

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Concordia Technologies ...
ACT300X4.8 CONCORDIATECHNOLOGIES-ACT300X4.8 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT300X7.6 CONCORDIATECHNOLOGIES-ACT300X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT303K ACT-ACT303K Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACT303K/303.875/TO39 ACT-ACT303K/303.875/TO39 Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Similar Description - ACT30

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Micronas
VCT38XXA MICRONAS-VCT38XXA Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Power Integrations, Inc...
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Monolithic Power System...
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
logo
Active-Semi, Inc
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com