Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT30
Description  High Performance Off-Line Controller ActiveSwitcher??IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT30 Datasheet HTML 2Page - Active-Semi, Inc ACT30 Datasheet HTML 3Page - Active-Semi, Inc ACT30 Datasheet HTML 4Page - Active-Semi, Inc ACT30 Datasheet HTML 5Page - Active-Semi, Inc ACT30 Datasheet HTML 6Page - Active-Semi, Inc ACT30 Datasheet HTML 7Page - Active-Semi, Inc ACT30 Datasheet HTML 8Page - Active-Semi, Inc ACT30 Datasheet HTML 9Page - Active-Semi, Inc ACT30 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
Pulse Modulation
The PFWM Switching Control Logic block operates
in different modes depending on the output load
current level. At light load, the VVDD voltage is
around 4.75V. The energy delivered by each
switching cycle (with minimum on time of 500ns) to
the output causes VVDD to increase slightly above
4.75V. The FPWM Switching Control Logic block is
able to detect this condition and prevents the IC
from switching until VVDD is below 4.75V again. This
results in a pulse-modulation action with fixed pulse
width and varying frequency, and low power
consumption because the switching frequency is
reduced.
Typical
system
standby
power
consumption is 0.15W.
Short Circuit Hiccup
When the output is short circuited, the ACT30
enters hiccup mode operation. In this condition, the
auxiliary supply voltage collapses. An on-chip
detector compares DRV1 voltage during the off-
time of each cycle to 6.8V. If DRV1 voltage is below
6.8V, the IC will not start the next cycle, causing
both the auxiliary supply voltage and VVDD to reduce
further. The circuit enters startup mode when VVDD
drops below 3.35V. This hiccup behavior continues
until the short circuit is removed. In this behavior,
the effective duty cycle is very low resulting in very
low short circuit current.
To make sure that the IC enters hiccup mode
easily, the transformer should be constructed so
that there is close coupling between secondary and
auxiliary, so that the auxiliary voltage is low when
the output is short-circuited. This can be achieved
with the primary/auxiliary/secondary sequencing
from the bobbin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com