Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODB1232-12MB Datasheet (PDF) - ORION FANS

ODB1232-12MB Datasheet PDF - ORION FANS
Part # ODB1232-12MB
Download  ODB1232-12MB Download
File Size   146.48 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 12, 24, 48V 120x32mm (4.7??x 1.25??

ODB1232-12MB Datasheet (PDF)

Go To PDF Page Download Datasheet
ODB1232-12MB Datasheet PDF - ORION FANS

Part # ODB1232-12MB
Download  ODB1232-12MB Click to download

File Size   146.48 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 12, 24, 48V 120x32mm (4.7??x 1.25??

ODB1232-12MB Datasheet (HTML) - ORION FANS




Similar Part No. - ODB1232-12MB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB13391 ORIONFANS-ODB13391 Datasheet
5Mb / 8P
AC & EC FANS
ODB17567 ORIONFANS-ODB17567 Datasheet
5Mb / 8P
AC & EC FANS
ODB19069 ORIONFANS-ODB19069 Datasheet
5Mb / 8P
AC & EC FANS
More results


Similar Description - ODB1232-12MB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
DC Fan - 12, 24, 48V
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD9238VA-16 ORIONFANS-OD9238VA-16 Datasheet
377Kb / 1P
DC Fan - 12, 24, 48V 92x38mm (3.62??x 1.5??
OD1238-XC ORIONFANS-OD1238-XC Datasheet
625Kb / 3P
DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)
4/6/2023
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
OD172SAP-XC-IP ORIONFANS-OD172SAP-XC-IP Datasheet
253Kb / 1P
DC Fans - 12, 24, 48V 172mm x 151mm x 51mm (6.8”x5.9”x2.0”)
2/17/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com