Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM232H Datasheet (PDF) - Future Technology Devices International Ltd.

UM232H Datasheet PDF - Future Technology Devices International Ltd.
Part # UM232H
Download  UM232H Download
File Size   664.48 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description UM232H Single Channel USB Hi-Speed FT232H Development Module Datasheet

UM232H Datasheet (PDF)

Go To PDF Page Download Datasheet
UM232H Datasheet PDF - Future Technology Devices International Ltd.

Part # UM232H
Download  UM232H Click to download

File Size   664.48 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description UM232H Single Channel USB Hi-Speed FT232H Development Module Datasheet

UM232H Datasheet (HTML) - Future Technology Devices International Ltd.


UM232H Product details

Introduction

The UM232H is a USB-to-serial/FIFO development module in the FTDI product range which utilises the FT232H USB Hi-Speed (480Mb/s) single-port bridge chip to handle the USB signaling and protocols. The UM232H is ideal for development purposes to quickly prove functionality of adding USB to a target design. The UM232H is a module designed to plug into a standard 0.6” wide 28 pin DIP socket. The USB connection to a host system is via a mini-B USB connector. All components used, including the FT232H, are Pb-free (RoHS compliant).



Features

The UM232H has the following features:

• Based on the Single chip USB Hi-Speed FT232H device.

• USB 2.0 Hi-Speed (480Mbits/Second) and Full Speed (12Mbits/Second) compatible

• Entire USB protocol handled on the chip – No USB-specific firmware programming required.

• Small USB Type B connector common on many commercial devices

• USB bus or self powered options.

• Asynchronous UART transfer data rate up to 12Mbaud.

• UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity.

• Fully assisted hardware or X-On / X-Off software handshaking.

• Auto-transmit buffer control for RS485 applications.

• Supports a half duplex FT1248 interface with a bi-directional data bus (1, 2, 4 or 8 bits wide).

• Synchronous Serial (MPSSE) data rates of up to 30Mbps on JTAG, SPI and I2C

• Support for USB suspend and resume

• UHCI / OHCI / EHCI host controller compatible

• FTDI’s royalty-free VCP and D2XX drivers eliminate the requirement for USB driver development in most cases.

• 1kByte receive and transmit buffers for high data throughput.

• Transmit and receive LED drive signals.

• Adjustable receive buffer timeout.

• Synchronous and asynchronous bit bang mode interface options with RD# and WR# strobes.

• Support for USB suspend and resume.

• Integrated 3.3V level converter for USB I/O.

• USB bulk transfer mode.

• +2.97V to +5.25V Single Supply Operation.

• Low operating and USB suspend current.

• Low USB bandwidth consumption.

• -40°C to +85°C operating temperature range

• Reduce development time

• Rapid integration into existing systems



Typical Applications

The UM232H module can be used for prototyping and evaluation in an application using the FT232H.

• Rapid USB integration into existing and new electronic systems

• USB to multi-port JTAG, SPI and I2C interfaces

• USB to FT1248 interfaces

• USB to RS232 / RS422 / RS485 Converters

• USB Instrumentation

• USB Industrial Control

• USB Electronic Point Of Sale Control

• Upgrading Legacy Peripherals to USB

• Cellular and Cordless Phone USB data transfer cables and interfaces

• Interfacing MCU / PLD / FPGA based designs to USB

• USB Audio and Low Bandwidth Video data transfer

• PDA to USB data transfer

• USB Smart Card Readers

• USB MP3 Player Interface

• USB FLASH Card Reader / Writers

• Set Top Box PC - USB interface

• USB Digital Camera Interface

• USB Hardware Modems

• USB Wireless Modems

• USB Bar Code Readers

• USB Software / Hardware Encryption Dongles

• USB Medical applications



 




Similar Part No. - UM232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UM232H-B FTDI-UM232H-B Datasheet
573Kb / 16P
UM232H-B USB to Serial/Parallel Break-Out Module
UM232H-B-01 FTDI-UM232H-B-01 Datasheet
660Kb / 14P
Future Technology Devices International Ltd
30/10/12
UM232H-B-NC FTDI-UM232H-B-NC Datasheet
660Kb / 14P
Future Technology Devices International Ltd
30/10/12
UM232H-B-WE FTDI-UM232H-B-WE Datasheet
660Kb / 14P
Future Technology Devices International Ltd
30/10/12
More results


Similar Description - UM232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UM232R FTDI-UM232R Datasheet
764Kb / 19P
USB- Serial UART Development Module
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
logo
Future Technology Devic...
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
UM232H-B FTDI-UM232H-B Datasheet
573Kb / 16P
UM232H-B USB to Serial/Parallel Break-Out Module
logo
Microchip Technology
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
logo
Bridgetek Pte Ltd.
MM930MINI BRIDGETEK-MM930MINI Datasheet
940Kb / 16P
Module High Speed USB-Serial MCU Development Module
Version 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com