Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5Q31 Datasheet (PDF) - Sharp Corporation

LM5Q31 Datasheet PDF - Sharp Corporation
Part # LM5Q31
Download  LM5Q31 Download
File Size   19.78 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color STN-LCD Module(FA/POS/Measuring instrument)

LM5Q31 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5Q31 Datasheet PDF - Sharp Corporation

Part # LM5Q31
Download  LM5Q31 Click to download

File Size   19.78 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color STN-LCD Module(FA/POS/Measuring instrument)

LM5Q31 Datasheet (HTML) - Sharp Corporation


LM5Q31 Product details

Features

■ 12.6 cm [5"] QVGA format

■ Single scan (1/250 Duty)

■ 4 096 colors

■ Motion picture compatible:

   Fast response time (200 ms)/High contrast (30:1)

■ Built-in gray scale controller/Digital 4-bit/color interface



 




Similar Part No. - LM5Q31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM5Q32 SHARP-LM5Q32 Datasheet
56Kb / 1P
Color STN LCD Module
More results


Similar Description - LM5Q31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
Color STN-LCD Module(FA/POS/Measuring instruments)
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM162KS1 SHARP-LM162KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LQ057Q3DC02 SHARP-LQ057Q3DC02 Datasheet
118Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ121S1DG31 SHARP-LQ121S1DG31 Datasheet
119Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ64D343 SHARP-LQ64D343 Datasheet
111Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com