Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5Q32 Datasheet (PDF) - Sharp Corporation

LM5Q32 Datasheet PDF - Sharp Corporation
Part # LM5Q32
Download  LM5Q32 Download
File Size   56.23 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color STN LCD Module

LM5Q32 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5Q32 Datasheet PDF - Sharp Corporation

Part # LM5Q32
Download  LM5Q32 Click to download

File Size   56.23 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color STN LCD Module

LM5Q32 Datasheet (HTML) - Sharp Corporation


LM5Q32 Product details

Features

■ 12.6 cm [5"] QVGA format

■ Single scan (1/240 Duty)

■ Normal STN interface (8-bit parallel)

■ Motion picture compatible:

Fast response time (200 ms)/High contrast (30:1)




Similar Part No. - LM5Q32

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM5Q31 SHARP-LM5Q31 Datasheet
19Kb / 1P
Color STN-LCD Module(FA/POS/Measuring instrument)
More results


Similar Description - LM5Q32

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
Color STN LCD Module
LM10V332 SHARP-LM10V332 Datasheet
109Kb / 1P
Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
Color STN-LCD Module
LM15X11 SHARP-LM15X11 Datasheet
75Kb / 1P
Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
Color STN-LCD Module
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
Color STN LCD Module
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com