Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B340B Datasheet (PDF) - Intersil Corporation

B340B Datasheet PDF - Intersil Corporation
Part # B340B
Download  B340B Download
File Size   672.79 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current

B340B Datasheet (PDF)

Go To PDF Page Download Datasheet
B340B Datasheet PDF - Intersil Corporation

Part # B340B
Download  B340B Click to download

File Size   672.79 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current

B340B Datasheet (HTML) - Intersil Corporation


B340B Product details

Hardware Description
The ISL85033 is a wide input range, dual standard buck converter that can be configured to provide a negative output voltage. The ISL85033-12VEVAL3Z evaluation board is used in this application note to demonstrate the negative configuration. In this configuration, VIN can range from 4.5V to (28V - VOUT).
The ISL85033 is offered in a 4mmx4mm 28 Ld TQFN package with 1mm maximum height. The complete converter occupies 6.25cm2 area.

Key Features
• Wide Input Voltage Range from 4.5V to (28V - VOUT)
• Adjustable and Synchronizable Negative Output Voltage with Continuous Output Current up to 5A, depending on VOUT and VIN
• Current Mode Control
• Adjustable Switching Frequency from 300kHz to 2MHz
• Power-Good Detection (referenced to VOUT)
• Externally Adjustable Soft-start Time
• Overcurrent and Hiccup Mode Short Circuit Protection, Thermal Overload Protection, UVLO
• Boot Undervoltage Detection
• Default Out-of-phase Channels Reduce Voltage Ripple and Component Size. User-selectable Phase Operation.




Similar Part No. - B340B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Weitron Technology
B340B WEITRON-B340B Datasheet
188Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
162Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B340B BILIN-B340B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
B340B CTC-B340B Datasheet
71Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - B340B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
December 8, 2010
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
September 22, 2011
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
November 29, 2010
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Intersil Corporation
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 12, 2013
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com