Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT120 Datasheet (PDF) - Sharp Corporation

LT120 Datasheet PDF - Sharp Corporation
Part # LT120
Download  LT120 Download
File Size   22.93 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hall Voltage 160mV GaAs Hall Device

LT120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT120 Datasheet PDF - Sharp Corporation

Part # LT120
Download  LT120 Click to download

File Size   22.93 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hall Voltage 160mV GaAs Hall Device

LT120 Datasheet (HTML) - Sharp Corporation


LT120 Product details

■ Features
● Small temperature coefficient of the Hall voltage
● Good linearity of the Hall voltage
● Small imbalanced voltage
● Directly DC voltage applicable

■ Applications
● Brushless motors VCR, CD, CD-ROM, FDD
● Measuring equipment Gauss meters, magnetic substance detectors
● Noncontact sensors Microswitches, tape-end detection
● Other magnetic detection




Similar Part No. - LT120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT120 ETC-LT120 Datasheet
530Kb / 1P
L TERMINAL SHUNT RESISTORS
logo
Bel Fuse Inc.
LT120-50-12 BEL-LT120-50-12 Datasheet
475Kb / 1P
Lighting Transformer
logo
Power-One
LT1201-7 POWER-ONE-LT1201-7 Datasheet
94Kb / 4P
500 Watt AC-DC Converters
logo
Linear Technology
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
More results


Similar Description - LT120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
OH017 PANASONIC-OH017 Datasheet
25Kb / 2P
GaAs hall element
OH023 PANASONIC-OH023 Datasheet
26Kb / 2P
GaAs hall element
OH10003 PANASONIC-OH10003 Datasheet
48Kb / 2P
GaAs Hall Device
OH10004 PANASONIC-OH10004 Datasheet
46Kb / 2P
GaAs Hall Device
OH10008 PANASONIC-OH10008 Datasheet
44Kb / 2P
GaAs Hall Device
OH10009 PANASONIC-OH10009 Datasheet
45Kb / 2P
GaAs Hall Device
OH10010 PANASONIC-OH10010 Datasheet
45Kb / 2P
GaAs Hall Device
logo
Sharp Corporation
LT135A SHARP-LT135A Datasheet
22Kb / 2P
Hall Voltage 240mV GaAs Hall Device
LT140A SHARP-LT140A Datasheet
23Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140SA SHARP-LT140SA Datasheet
22Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com