Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ21N3 Datasheet (PDF) - Sharp Corporation

LZ21N3 Datasheet PDF - Sharp Corporation
Part # LZ21N3
Download  LZ21N3 Download
File Size   153.9 Kbytes
Page   19 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels

LZ21N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ21N3 Datasheet PDF - Sharp Corporation

Part # LZ21N3
Download  LZ21N3 Click to download

File Size   153.9 Kbytes
Page   19 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels

LZ21N3 Datasheet (HTML) - Sharp Corporation


LZ21N3 Product details

DESCRIPTION
The LZ21N3 is a 1/2-type (8.08 mm) solid-state image sensor that consists of PN photo-diodes and CCDs (charge-coupled devices). With approximately 2 140 000 pixels (1 704 horizontal x 1 255 vertical), the sensor provides a stable high-resolution color image.

FEATURES
• Optical size : 8.08 mm (aspect ratio 4 : 3)
• Interline scan format
• Square pixel
• Number of effective pixels : 1 650 (H) x 1 250 (V)
• Number of optical black pixels
    — Horizontal : 2 front and 52 rear
    — Vertical : 3 front and 2 rear
• Number of dummy bits
    — Horizontal : 28
    — Vertical : 2
• Pixel pitch : 3.95 µm (H) x 3.95 µm (V)
• Mg, G, Cy, and Ye complementary color mosaic filters
• Supports monitoring mode
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Built-in overflow drain voltage circuit and reset gate voltage circuit
• Variable electronic shutter
• Package :
    20-pin half-pitch WDIP [Plastic] (WDIP020-P-0500) Row space : 12.20 mm




Similar Part No. - LZ21N3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
LZ21N3VS SHARP-LZ21N3VS Datasheet
161Kb / 18P
1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
More results


Similar Description - LZ21N3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
1/5-type Color CCD Area Sensor with 320 k Pixels
RJ23N3AA0PT SHARP-RJ23N3AA0PT Datasheet
590Kb / 19P
1/2.7-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com