Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ21N3V Datasheet (PDF) - Sharp Corporation

LZ21N3V Datasheet PDF - Sharp Corporation
Part # LZ21N3V
Download  LZ21N3V Download
File Size   161.01 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels

LZ21N3V Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ21N3V Datasheet PDF - Sharp Corporation

Part # LZ21N3V
Download  LZ21N3V Click to download

File Size   161.01 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels

LZ21N3V Datasheet (HTML) - Sharp Corporation


LZ21N3V Product details

DESCRIPTION
The LZ21N3V/VS are 1/2-type (8.08 mm) solidstate image sensors that consist of PN photodiodes and CCDs (charge-coupled devices). With approximately 2 140 000 pixels (1 704 horizontal x 1 255 vertical), the sensor provides a stable high-resolution color image.

FEATURES
• Optical size : 8.08 mm (aspect ratio 4 : 3)
• Interline scan format
• Square pixel
• Number of effective pixels : 1 650 (H) x 1 250 (V)
• Number of optical black pixels
    — Horizontal : 2 front and 52 rear
    — Vertical : 3 front and 2 rear
• Number of dummy bits
    — Horizontal : 28
    — Vertical : 2
• Pixel pitch : 3.95 µm (H) x 3.95 µm (V)
• R, G, and B primary color mosaic filters
• Supports monitoring mode
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Built-in overflow drain voltage circuit and reset gate voltage circuit
• Variable electronic shutter
• Packages
    — LZ21N3V : 20-pin half-pitch WDIP [Plastic] (WDIP020-P-0500) Row space : 12.20 mm
    — LZ21N3VS : 20-pin half-pitch WSOP [Plastic] (WSOP020-P-0525)




Similar Part No. - LZ21N3V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
More results


Similar Description - LZ21N3V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
1/3-type CCD Area Sensors with 320 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
1/3-type CCD Area Sensors with 410 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
1/3-type CCD Area Sensors with 470 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
1/4-type Color CCD Area Sensors with 270 k Pixels
RJ23N3AA0PT SHARP-RJ23N3AA0PT Datasheet
590Kb / 19P
1/2.7-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com