Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ2363B Datasheet (PDF) - Sharp Corporation

LZ2363B Datasheet PDF - Sharp Corporation
Part # LZ2363B
Download  LZ2363B Download
File Size   96.96 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/3-type CCD Area Sensors with 470 k Pixels

LZ2363B Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2363B Datasheet PDF - Sharp Corporation

Part # LZ2363B
Download  LZ2363B Click to download

File Size   96.96 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/3-type CCD Area Sensors with 470 k Pixels

LZ2363B Datasheet (HTML) - Sharp Corporation


LZ2363B Product details

DESCRIPTION
The LZ2363B/LZ2364BJ are 1/3-type (6.0 mm) solid-state image sensors that consist of PN photodiodes and CCDs (charge-coupled devices). With approximately 470 000 pixels (795 horizontal x 595 vertical), the sensor provides a stable high-resolution color (LZ2363B)/B/W (LZ2364BJ) image.

FEATURES
• Number of effective pixels : 752 (H) x 582 (V)
• Number of optical black pixels
   — Horizontal : 3 front and 40 rear
   — Vertical : 11 front and 2 rear
• Pixel pitch : 6.5 µm (H) x 6.3 µm (V)
• Mg, G, Cy, and Ye complementary color filters (For LZ2363B)
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Variable electronic shutter (1/50 to 1/10 000 s)
• Compatible with PAL standard (LZ2363B)/CCIR standard (LZ2364BJ)
• Package :
   16-pin half-pitch WDIP [Ceramic]
   (WDIP016-N-0450)
   Row space : 11.43 mm




Similar Part No. - LZ2363B

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ23 EBMPAPST-LZ23 Datasheet
436Kb / 2P
METAL FINGER GUARDS
LZ23-2 EBMPAPST-LZ23-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
LZ23-3 EBMPAPST-LZ23-3 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
More results


Similar Description - LZ2363B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
1/3-type CCD Area Sensors with 320 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
1/3-type CCD Area Sensors with 410 k Pixels
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
1/5-type Color CCD Area Sensor with 320 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com