Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ2315A Datasheet (PDF) - Sharp Corporation

LZ2315A Datasheet PDF - Sharp Corporation
Part # LZ2315A
Download  LZ2315A Download
File Size   106.54 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels

LZ2315A Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2315A Datasheet PDF - Sharp Corporation

Part # LZ2315A
Download  LZ2315A Click to download

File Size   106.54 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels

LZ2315A Datasheet (HTML) - Sharp Corporation


LZ2315A Product details

DESCRIPTION

The LZ2315A/LZ2316AR are 1/3-type (6.0 mm) solid-state image sensors that consist of PN photo diodes and CCDs (charge-coupled devices) driven by dual-power-supply. With approximately 270 000 pixels (542 horizontal x 492 vertical), the sensor provides a stable high-resolution color (LZ2315A)/ B/W (LZ2316AR) normal or mirror image.



FEATURES

• Number of effective pixels : 512 (H) x 492 (V)

• Number of optical black pixels

– Horizontal : 2 front and 28 rear

• Pixel pitch : 9.6 µm (H) x 7.5 µm (V)

• Mg, G, Cy, and Ye complementary color filters (For LZ2315A)

• Low fixed-pattern noise and lag

• No burn-in and no image distortion

• Blooming suppression structure

• Built-in output amplifier

• Built-in pulse mix circuit

• Built-in overflow drain voltage circuit and reset gate voltage circuit

• Variable electronic shutter (1/60 to 1/10 000 s)

• Normal or mirror image output available from common output pin

• Compatible with NTSC standard (LZ2315A)/EIA standard (LZ2316AR)

• Package : 16-pin shrink-pitch WDIP [Ceramic] (WDIP016-N-0500C)

Row space : 12.70 mm




Similar Part No. - LZ2315A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
More results


Similar Description - LZ2315A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3610 SHARP-LZ0P3610 Datasheet
126Kb / 14P
1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
1/3-type CCD Area Sensors with 320 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
1/3-type CCD Area Sensors with 410 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
1/3-type CCD Area Sensors with 470 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com