Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ2346 Datasheet (PDF) - Sharp Corporation

LZ2346 Datasheet PDF - Sharp Corporation
Part # LZ2346
Download  LZ2346 Download
File Size   185.14 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR

LZ2346 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2346 Datasheet PDF - Sharp Corporation

Part # LZ2346
Download  LZ2346 Click to download

File Size   185.14 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR

LZ2346 Datasheet (HTML) - Sharp Corporation


LZ2346 Product details

DESCRIPTION
LZ2346 is 1 /3-type (6.0 mm) solid-state image sensor that consists of PN phote-diodes and CCDS (charge-coupled devices) driven by only positive voltages. Having approximately 220000 pixels (horizontal 384 X vertical 582), the sensor provides a stable B/W image.

FEATURES
● Number of pixels : 362 (H) X 582 (V)
   Pixel pitch : 13.6 Mm (H) x 6.3 Km (V)
   Number of optical black pixels
               : Horizontal; front 2 and rear 20
● Low fixed pattern noise and lag
● No sticking and no image distortion
● Blooming suppression structure
● Built-in output amplifier
● Variable electronic shutter (1/50 to 1/10 000 s)
● Compatible with CCIR standard
● Package : 16-pin SDIPICERDIP](WDIPO1 6-N-0500B)




Similar Part No. - LZ2346

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ23 EBMPAPST-LZ23 Datasheet
436Kb / 2P
METAL FINGER GUARDS
LZ23-2 EBMPAPST-LZ23-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
LZ23-3 EBMPAPST-LZ23-3 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
More results


Similar Description - LZ2346

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2336 SHARP-LZ2336 Datasheet
178Kb / 8P
Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com