Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ2336 Datasheet (PDF) - Sharp Corporation

LZ2336 Datasheet PDF - Sharp Corporation
Part # LZ2336
Download  LZ2336 Download
File Size   178.09 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA

LZ2336 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2336 Datasheet PDF - Sharp Corporation

Part # LZ2336
Download  LZ2336 Click to download

File Size   178.09 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA

LZ2336 Datasheet (HTML) - Sharp Corporation


LZ2336 Product details

DESCRIPTION
U2336 is a 1 /3-type (6.0 mm) solid-state image sensor that consists of PN phote-diodes and CCDS (charge-coupled devices) driven by only positive voltages. Having approximately 190000 pixels (horizontal 384 X vertical 492), the sensor provides a stable B/W image.

FEATURES
● Number of pixels : 362 (H) X 492 (V)
   Pixel pitch : 13.6 Mm (H) X 7.5 Am (V)
   Number of optical black pixels
                    : Horizontal; front 2 and rear 20
● Low fixed pattern noise and lag
● No sticking and no image distortion
● Blooming suppression structure
● Built-in output amplifier
● Variable electronic shutter (1 /60 to 1/1 O 000S)
● Compatible with EIA standard
● Package : 16-pin SDIPICERDIP](WDIPO1 6-N-0500B)




Similar Part No. - LZ2336

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ23 EBMPAPST-LZ23 Datasheet
436Kb / 2P
METAL FINGER GUARDS
LZ23-2 EBMPAPST-LZ23-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
LZ23-3 EBMPAPST-LZ23-3 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
More results


Similar Description - LZ2336

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2346 SHARP-LZ2346 Datasheet
185Kb / 8P
Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
1/3-inch CCD Image Sensor for EIA B/W Camera
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
1/3 inch CCD Image Sensor for EIA B/W Camera
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com