Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2227 Datasheet (PDF) - Micro Commercial Components

MMDT2227 Datasheet PDF - Micro Commercial Components
Part # MMDT2227
Download  MMDT2227 Download
File Size   271.45 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN/PNP Small Signal Surface Mount Transistors

MMDT2227 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT2227 Datasheet PDF - Micro Commercial Components

Part # MMDT2227
Download  MMDT2227 Click to download

File Size   271.45 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN/PNP Small Signal Surface Mount Transistors

MMDT2227 Datasheet (HTML) - Micro Commercial Components


MMDT2227 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Complementary Pair: NPN(2222A), PNP(2907A)
• Ideal for Low Power Amplification and Switching
• Ultra-small Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2227 DIODES-MMDT2227 Datasheet
53Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
MMDT2227 DIODES-MMDT2227 Datasheet
87Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. 8 - 2
MMDT2227 DIODES-MMDT2227 Datasheet
201Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
Multi-Chip Transistor
More results


Similar Description - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
Micro Commercial Compon...
MMDT3906 MCC-MMDT3906 Datasheet
109Kb / 2P
PNP Small Signal Surface Mount Transistors
MMDT3906 MCC-MMDT3906_11 Datasheet
256Kb / 2P
PNP Small Signal Surface Mount Transistors
MMDT3946 MCC-MMDT3946 Datasheet
339Kb / 6P
NPN/PNP Small Signal Surface Mount Transistors
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMDT2227 MCC-MMDT2227_13 Datasheet
301Kb / 3P
NPN/PNP Small Signal Surface Mount Transistors
MMDT3906 MCC-MMDT3906_13 Datasheet
285Kb / 2P
PNP Small Signal Surface Mount Transistors
MMDT3946 MCC-MMDT3946_13 Datasheet
368Kb / 6P
NPN/PNP Small Signal Surface Mount Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com